Part Number Hot Search : 
B70NF B1010 57100 STN85109 SN3904 MCP111 12S15 1107R2
Product Description
Full Text Search
 

To Download 1N5395G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 2 1n5391g ? 1n5399g features ! ! lo w forward voltage drop ! high current capability a b a ! high reliability ! high surge current capability mec h anical data c ! case: m olded plastic d ! terminals: plated leads solderable per mil-std-202, method 208 ! polarity: cathode band ! weight: 0.40 grams (approx.) ! mounting position: any ! marking: type number maximum ra t ings and electrical characteristics @t a =2 5c unl ess otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol 1n 5391g 1n 5392g 1n 5393g 1n 5395g 1n 5397g 1n 5398g 1n 5399g unit peak repet itive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms revers e voltage v r(rms) 35 70 140 280 420 560 700 v av erage rec tified output current (note 1) @t a = 75 c i o 1.5 a non-repeti t ive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 50 a forward vo l tage @i f = 1. 5a v fm 1.0 v peak reverse current @t a = 25 c at rated dc blocking voltage @t a = 100c i rm 5.0 50 a ty pi cal junction capacitance (note 2) c j 30 pf ty pi cal thermal resistance junction to ambient (note 1) r  ja 50 k/ w operati ng t emperature range t j -65 to +150 c st orage t emperature range t stg -65 to +150 c note: 1. leads maintained at ambient temperature at a distance of 9.5mm from the case 2. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. 1n5391g ? 1n5399g ! le a d fr ee: for rohs / lead free version z ibo seno electronic engineering co., ltd. www.senocn.com 1.5a glass passiv ated rectifier g las s passivated die construction do-15 di m min max a 24. 5 ? b 5. 50 7. 62 c 0.60 0. 80 d 2. 60 3. 60 a ll d imensions in mm alldatasheet
2 of 2 0.01 0.1 1.0 10 0.6 0.8 1.0 1.2 1.4 1.6 i , inst ant aneous forward current (a) f v , inst ant aneous forward voltage (v) fig. 2 typical forward characteristics f t = 25c pulse width = 300s duty cycle l 2% j 25 50 75 100 125 150 175 t ambient temperature (oc) fig. 1, forward current derating curve a i , average forward rectified current (a) (av) 0 0.5 1.0 1.5 1.0 10 100 1.0 10 100 c , cap acit ance (pf) j v , reverse vol tage (v) fig. 4 typical junction capacitance r t = 25c f = 1mhz j 1.0 10 100 0 10 20 30 40 50 number of cycles a t 60hz fig. 3 maximum non-repetitive peak forward surge current i , peak for ward surge current (a) fsm 8.3 ms single half sine-wave (jedec method) 1n5391g ? 1n5399g 1n5391g ? 1n5399g z ibo seno electronic engineering co., ltd. www.senocn.com alldatasheet


▲Up To Search▲   

 
Price & Availability of 1N5395G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X